|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Optoway InGaAs PIN PHOTODIODE 3 mm InGaAs PIN Photdiode with TO-5 Package FEATURES High responsivity for dual windows at 1310 nm and 1550 nm Low dark current Hermetically sealed TO-5 3-pin metal case Active diameter 3 mm Flat Window Cap Package PD-1170 **************************************************************************************************************************************************************** PD-1170 **************************************************************************************************************************************************************** DESCRIPTION PD-1170 InGaAs Photodiode are suited to receive the light at the wavelength range from 800 nm to 1650 nm. With high reliability, PD-1170 series are the best choice for power monitor application. ELECTRICAL AND OPTICAL CHARACTERISTICS (TC=25C) Symbol Parameter Active Area Detection Range R Responsivity VR=3V, =1300 nm VR=3V, =1550 nm Idark C Dark Current Capacitance Shunt Resistance VR=3V VR=3V VR=10mV 1 750 10 800 0.85 0.90 0.9 1.0 50 1800 nA pF M Test Conditions Min. Typ. 3 1650 Max. Unit mm nm A/W ABSOLUTE MAXIMUM RATINGS (TC=25 C) Symbol Parameter Po VRD IFD Topr Tstg Input Optical Power Reverse Voltage Forward Current Operating Temperature Storage Temperature Ratings 10 5 10 -40~+85 -40~+85 Unit mW V mA C C **************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 E-mail: sales@optoway.com.tw Fax: 886-3-5979737 http: // www.optoway.com.tw 8/1/2003 V1.0 Optoway MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT PD-1170 **************************************************************************************************************************************************************** C ASE PD( + ) PD( - ) Note: 1. Specifications subject to change without notice. ORDER INFORMATION Part No.: P D- 1 1 7 0 **************************************************************************************************************************************************************** OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303 Tel: 886-3-5979798 E-mail: sales@optoway.com.tw Fax: 886-3-5979737 http: // www.optoway.com.tw 8/1/2003 V1.0 |
Price & Availability of PD-1170 |